Part Number Hot Search : 
WR600 R24C09 1N629 2SC373 M3005 TLSH1032 KT831W15 2233B
Product Description
Full Text Search
 

To Download SC9302H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silan Semiconductors
1-MEMORY/2-MEMORY TONE/PULSE DIALER
DESCRIPTION
The SC9302 series tone/pulse dialers are CMOS LSIs for the telecommunication system. They are designed to meet various dialing specifications through resistor options matrix. The SC9302 series tone/pulse dialers are offered in four different versions. They are SC9302X normal version, SC9302/F/G/H simple version, SC9302XT key-tone version and SC9302XLT key-tone/lock functions version. The SC9302X normal version provides the pinselected lock function; the SC9302XT version provides the key-tone function; the SC9302XLT version provides both the key-tone function and key board-operated IDD lock function. All of the above three versions also supply the following functions: Hold-line, Hand-free and LCD dialing number display interface, all of which are suitable for feature phone applications. However, the SC9302F/G/H version is simpler than the other three versions. It provides only a redialing memory for a simple low-cost system application.
SC9302 Series
SDIP-24
SC9302D Package
FEATURES
*Universal specification *Operating voltage: 2.0V~5.5V *Low stand-by current *Low memory retention current:0.1A(Typ.) *Tone/pulse switchable *Interface with LCD driver *32 digits for redialing *32 digits for the SA memory dialing *One-key redialing *Pause and PT key for PBX *4x4 keyboard matrix *3.58MHz crystal or ceramic resonator *Hand-free control *Hold-line control *Pause, PT can be saved for redialing *Lock function *Key tone function *Resistor options: -M/B ratio -Flash function and flash time -Pause and PT duration -Pulse number -Keyboard operated IDD lock function
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
1
Silan Semiconductors
PIN CONFIGURATIONS
SC9302X NORMAL VERSION
SC9302 Series
HDI HDI C1 C1 C2 C3 C4 LOCK X1 X2 XMUTE VSS
1 2 3 4 5 6 7 8 9 11 10 12 SC9302D
24 23 22 21 20 19 18 17 16 15 14 13 SC9302D SDIP-24
HDO R4 R3 R2 R1 MODE DTMF PO HKS VDD HFO CLOCK
1 2 3 4 SC9302B 5 6 7 8 9 11 10
22 21 20 19 18 17 16 15 14 13 12 SC9302B SDIP-22
HDO R4 R3 R2 R1 MODE DTMF PO HKS VDD HFO C1 C2 C3 C4 LOCK X1 X2 XMUTE VSS DOUT
C1
1 2 3 4 5 6 7 8 9 10 SC9302C
20 19 18 17 16 15 14 13 12 11 SC9302C DIP-20
R4 R3 R2 R1 MODE DTMF PO HKS VDD CLOCK
C2 C3 C4 LOCK X1 X2 XMUTE VSS HFI DOUT
1 2 3 SC9302A 4 5 6 7 8 9 SC9302A DIP-18
18 17 16 15 14 13 12 11 10
R4 R3 R2 R1 MODE DTMF PO HKS VDD
C2 C3 C4 LOCK X1 X2 XMUTE VSS HFI
SC9302XT/XLT VERSION
HDI HDI C1 C1 C2 C3 C4 KT X1 X2 XMUTE VSS
1 2 3 4 SC9302DT/DLT 5 6 7 8 9 11 10 12
24 23 22 21 20 19 18 17 16 15 14 13
HDO R4 R3 R2 R1 MODE DTMF PO HKS VDD HFO CLOCK
1 2 3 4 5 6 7 8 9 11 10 SC9302BT/BLT
22 21 20 19 18 17 16 15 14 13 12
HDO R4 R3 R2 R1 MODE DTMF PO HKS VDD HFO C1 C2 C3 C4 KT X1 X2 XMUTE VSS DOUT
C1
1 2 3 SC9302CT/CLT 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
R4 R3 R2 R1 MODE DTMF PO HKS VDD CLOCK
C2 C3 C4 KT X1 X2 XMUTE VSS HFI DOUT
1 2 SC9302AT/ALT 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10
R4 R3 R2 R1 MODE DTMF PO HKS VDD
C2 C3 C4 KT X1 X2 XMUTE VSS HFI
SC9302AT/ALT DIP-18
SC9302BT/BLT SDIP-22
SC9302CT/CLT DIP-20
SC9302DT/DLT SDIP-24
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
2
Silan Semiconductors
SC9302F/G/H SIMPLE VERSION
SC9302 Series
18 17 16 SC9302F/H 15 14 13 12 11 10 SC9302F/H DIP-18
R4 R3 R2 R1 MODE DTMF PO HKS VDD C1 C2 C3 X1 X2 XMUTE VSS VDD
C1 C2 C3 C4 NC X1 X2 XMUTE VSS
1 2 3 4 5 6 7 8 9
1 2 3 4 5 6 7 8 SC9302G DIP-16 SC9302G
16 15 14 13 12 11 10 9
R4 R3 R2 R1 MODE DTMF PO HKS
BLOCK DIAGRAM
DOUT CLOCK FSM C2 Key Column C3 Key Function Encoder WRM Counter ADDRL Converter HD/HF Encoder Key Row Mode In HKS HFI HDI HDO HFO R4 Debounce X1 Divider X2 Clock Generator Clock Control Flash MODE SRAM Tone Encoder Pulse Out XMUTE Control Check Tone Out DTMF PO
C1
C4
R1 R2 R3
M/B
Timer
Key-tone Generater
KT
LOCK
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
3
Silan Semiconductors
KEYBOARD INFORMATION
SC9302X and SC9302XT
C1 C2 C3 C4
SC9302 Series
SC9302XLT
C4 C3 C2 C1 HKS
R1 R2 R3 R4
1 4 7 */T
2 5 8 0
3 6 9 #
SA F P R
R1 R2 R3 R4
1 4 7 */T
2 5 8 0
3 6 9 #
SA F P R
ST
SC9302F
C1 C2 C3 C4
SC9302H
C1 C2 C3 C4
R1 R2 R3 R4
1 4 7 */T
2 5 8 0
3 6 9 # F P R
R1 R2 R3 R4
1 4 7 */T
2 5 8 0
3 6 9 # R/P F
SC9302G
C1 C2 C3 HKS
R1 R2 R3 R4
1 4 7 */T
2 5 8 0
3 6 9 # F P R
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
4
Silan Semiconductors
SELECTION TABLE
Function Keytone Item
SC9302X (Normal version) SC9302A SC9302B SC9302C SC9302D ---- ----- - - -
SC9302 Series
Keyboard Hold-line Hand-free Operated LCD Interface Memory No. Package
Lock Function Pin Selection
--
2 2 2 2
DIP-18 SDIP-22 DIP-20 SDIP-24
SC9302XT(Key-tone version) SC9302AT SC9302BT SC9302CT SC9302DT --------- - - - -- 2 2 2 2 DIP-18 SDIP-22 DIP-20 SDIP-24
SC9302XLT (Key-tone/Lock function version) SC9302ALT SC9302BLT SC9302CLT SC9302DLT ---- - - - - -- 2 2 2 2 DIP-18 SDIP-22 DIP-20 SDIP-24
SC9302F/G/H (Simple version) SC9302F SC9302G SC9302H ------------------1 1 1 DIP-18 DIP-16 DIP-18
ABSOLUTE MAXIMUM RATINGS (Tamb=25C, fosc=3.5795MHz,unless otherwise specified)
Characteristic
Supply Voltage Input Voltage Operating Temperature Storage Temperature
Symbol
VDD VIN Topr Tstg
Value
-0.3 ~ 5.5 Vss-0.3V ~ VCC+0.3V -20 ~ +75 -50 ~ +125
Unit
V V C C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
5
Silan Semiconductors
SC9302 Series
Test Conditions VDD
--
ELECTRICAL CHARACTERISTICS (Tamb=25C, fosc=3.5795MHz,unless otherwise specified)
Parameter
Operating Voltage
Symbol
VDD
Condition
-Pulse Off-hook Keypad entry Tone No load On-hook, no load, No entry -On-hook --V XMUTE =12V,
Min
2 ---1 -Vss 0.8 VDD -1 ----4 200 -1 1 -1 1 -----34 1.2
Typ
-0.2 0.6 --0.1 -----200 200 -400 ----0.2 1 1 20 1.2 ---
Max
5.5 1 2 1 5.5 0.2 0.2 VDD VDD 1 -0.1 ---40 -------------
Unit
V mA mA A V A V V A mA A k k A A mA mA mA mA s s ms s ms KHz MHz
Operating Current
IDD
2.5V
Stand-by Current Memory Retention Voltage Memory Retention Current Input Low Voltage Input High Voltage
XMUTE Leakage current XMUTE Sink Current
HKS Pin Input Current
ISTB VR IR VIL VIH IXMO IOLXM I HKS RHFI R HDI IOH1 IOL1 IOH2 IOL2 IOH3 IOL3 TFP TRP TDB TBRK TKT FKTC Fosc
1V -1V ---2.5V 2.5V 2.5V 2.5V 2.5V 2.5V 2.5V 2.5V 2.5V 2.5V --------
No entry V XMUTE =0.5V V HKS =2.5V VHFI =2.5V V HDI =0V VOH =0V VOL =2.5V VOH =2V VOL =0.5V VOH =2V VOL =0.5V Control key Digit key
HFI Pull-Low Resistance
HDI Pull-High Resistance
Keypad Pin Source Current Keypad Pin Sink Current HFO Pin Source Current HFO Pin Sink Current HDO Pin Source Current HDO Pin Sink Current Pause Time After Flash One-key Redialing Pause Time Key-in Debounce Time Break Time for One-key Redialing Key-tone Duration Key-tone Frequency System Frequency
One-key redialing -One-key redialing --Crystal =3.5795MHz
3.5759 3.5795 3.5831
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
6
Silan Semiconductors
PULSE MODE ELECTRICAL CHARACTERISTICS
(Tamb=25C, fosc=3.5795MHz,unless otherwise specified)
SC9302 Series
Test Conditions VDD
2.5V 2.5V
Parameter
PO Output Source Current
Symbol
IPOH IPOL
Condition
VOH =2V VOL =0.5V MODE pin is
Min
-0.2 0.2 ----
Typ
-0.6 10 20 33:66
Max
------
Unit
mA mA
PO Output Sink Current
Pulse Rate
PR
--
connected to VDD MODE pin is opened. A resistor is linked between R 2 and C1 . No resistor is linked between R 2 and C1 . M/B ratio =40:60
pps
Make/Break Ratio
M/B
--
% -40:60 40(10pps) 20(20pps) 33(10pps) 17(20pps) 800 500 33(10pps) 17(20pps) 40(10pps) 20(20pps) 66(10pps) 33(20pps) 60(10ps) 30(20pps) --
--
-ms ----ms --
Pre-digit-pause Time
TPDP
-M/B ratio =33:66 Pulse rate =10pps Pulse rate =20pps A resistor is linked between R 2 and C1 . No resistor is linked between R 2 and C1 . A resistor is linked between R 2 and C1 . No resistor is linked between R 2 and C1 . -----
Inter-digit-pause Time
TIDP
--
ms
Pulse Make Duration
TM
--
--
--
-ms --
Pulse Break Duration
TB
--
--
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
7
Silan Semiconductors
TONE MODE ELECTRICAL CHARACTERISTICS
(Tamb=25C, fosc=3.5795MHz,unless otherwise specified)
SC9302 Series
Test Conditions VDD
-2.5V -2.5V 2.5V 2.5V --
Parameter
DTMF Output DC Level DTMF Sink Current DTMF Output AC Level DTMF Output Load Column Pre-emphasis Tone Signal Distortion Minimum Tone Duration
Symbol
VTDC ITOL VTAC RL ACR THD TTMIN
Condition
-VDTMF =0.5V Row group, RL =5k THD -23dB Row group = 0dB RL =5k Auto-redial Others 9302G
Min
0.45VDD 0.1 0.12 5 1 ------
Typ
--0.155 -2 -30 82.5 100 85.5 106
Max
0.7VDD -0.18 -3 -23 -----
Unit
V mA Vrms k dB dB ms
Minimum Inter-tone Pause
TITPM
--
Auto-redial
Others 9302G
ms
2 2 2 2 THD (Distortion)(dB)=20log ( V1 + V2 + ... + Vn / Vi2 + Vh )
Vi, Vh: Row group and column group signals V1,V2, ...Vn: Harmonic signals (BW=300Hz~3500Hz)
APPROXIMATE INTERNAL CONNECTION CIRCUITS
CMOS IN/OUT VDD NMOS OUT CMOS IN CMOS OUT VDD CMOS IN Pull-High VDD
CMOS IN Pull-Low
OSCILLATOR X1 10M 20pF 10pF EN X2
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
8
Silan Semiconductors
PIN DESCRIPTION
Pin Name I/O Internal Connection
SC9302 Series
Description
These pins construct a 4x4 keyboard matrix to perform the keyboard input detecting and dialing specification setting functions, when on-hook ( HKS =high) all the pins are set to high. While off-hook the column group ( C1 ~ C4 ) stays low and the row group ( R1 ~ R 4 ) is set to high for key input detecting.
C1 ~ C4
R1 ~ R 4
I/O
CMOS IN/OUT
An inexpensive single contact 4x4 keyboard can be an input device. Pressing a key connects a single column to a single row, and actuates the system oscillator to result in a dialing signal output. If more than two keys are pressed at the same time, no response can be brought about. The key-in debounce time is 20ms. Refer to the keyboard table for keyboard arrangement and to the functional description for dialing specification selection. The system oscillator consists of an inverter, a bias resistor and the
X1
I OSCILLATOR
necessary load capacitor on chip. Connecting a standard 3.579545MHz crystal or ceramic resonator to X1 and X2 terminals can implement the oscillator function. The oscillator is turned off in the stand-by mode, and is actuated whenever a keyboard entry is detected. The XMUTE is an NMOS open drain structure pulled to VSS during
X2
O
XMUTE
O
NMOS OUT
dialing signal transmitting. Otherwise, it is an open circuit. The
XMUTE is used to mute the speech circuit when transmitting the dial
signal. This pin is used to monitor the status of the hook-switch and its combination with HFI/ HDI can control the PO pin output to make or
HKS
I
CMOS IN
break the line. HKS =VDD: On-hook state ( PO =low). Except HFI/ HDI (hand-free / hold-line control input), other functions are all disabled.
HKS =VSS: Off-hook state ( PO =high). The chip is in the stand-by
mode and ready to receive the key input. (to be continued)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
9
Silan Semiconductors
(continued)
SC9302 Series
This pin is a CMOS output structure, it receives HKS and HFO/HDO signals to control the dialer so as to connect or disconnect the telephone line.
PO outputs low to break line when HKS is high (on-hook) and
PO
O
CMOS OUT
HFO/HDO is low. PO outputs high to make line when HKS is low (offhook) or HFO is high or HDO is high. During the off-hook state, the pin also outputs the dialing pulse train in pulse mode dialing. While in the tone mode, this pin is always high. This is a three-state input/output pin, provided to the user for selecting a dialing mode among Tone/20pps/10pps. MODE=VDD: Pulse mode, 10pps.
MODE
I/O
CMOS IN/OUT
MODE=OPEN: Pulse mode, 20pps. MODE=VSS: Tone mode. During the pulse mode dialing, switching this pin to the tone mode changes the following entrance of digits to the tone mode. When the chips are working in the tone mode, the switching from tone to the pulse mode will be recognized. This pin is active only when the chip transmits tone dialing signals.
DTMF
O
CMOS OUT
Otherwise, it always outputs low. The pin outputs tone signals to drive the external transmitter amplifier circuit. The load resistor should not be less than 5k. This pin is a schmitt trigger input structure. Active low. Applying a
HDI
I
CMOS IN Pull-High
negative going pulse to this pin can toggle the HDO output once. An external RC network is recommended to use for the input debouncing. The pull-high resistance is 200k typically. The HDO is a CMOS output structure. Its output is toggle controlled by a negative transition on HDI . When HDO is toggled to high, PO keeps high to hold the line. The hold function can be released by setting HFO
HDO
O
CMOS OUT
high or by an on-off hook operation or by another HDI input. The HDO pin can directly drive the melody generator to produce hold-line background melody. Refer to the functional description for the hold-line function. Key-tone output pin. It outputs 1.2kHz tone carrier when any key is
KT
O
CMOS OUT
pressed in the pulse mode or when the function keys are pressed in the tone mode. (to be continued)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
10
Silan Semiconductors
(continued)
SC9302 Series
This pin is a schmitt trigger input structure. Active high. Applying a positive going pulse to HFI can toggle the HFO once and hence control
HFI
I
CMOS IN Pull-Low
the hand-free function. The pull-low resistance of HFI is 200K typically. An external RC network is recommended to use for the input debouncing. The HFO is a CMOS output structure. Its output is toggle controlled by a positive transition on HFI pin. When HFO is high, the hand-free function is enabled and PO outputs high to connect the line. The hand-free function can be released by setting HDO high or by an on-off-hook operation or by another HFI input. Refer to the functional description for the hand-free functional operation. This is a three-state input/output pin, provided to the user for controlling the long distance call function with a lock-switch.
HFO
O
CMOS OUT
LOCK
I/O
CMOS IN/OUT
LOCK=OPEN: Normal dialing (no lock). LOCK=VDD: "0,9" is inhibited for use as the first key input. LOCK=VSS: "0" is inhibited for use as the first key input. This is an NMOS open drain output pin. It outputs the BCD code of the dialing digits to the LCD driver chip (SC16XX series) or C for dialing number display. Refer to the functional description for the detailed timing. NMOS open drain output. When dialing, it outputs a series of pulse train
DOUT
O
NMOS OUT
CLOCK
O
NMOS OUT
for the DOUT data synchronization. The DOUT data is valid at the falling edge of clock.
VDD VSS
I I
---
Positive power supply, 2.0V~5.5V for normal operation. Negative power supply.
FUNCTION DESCRIPTIONS
1. KEYBOARD MATRIX
The C1 ~ C 4 and R1 ~ R 4 make up of a keyboard matrix. Together with a standard 4x4 keyboard, the keyboard matrix is used for dialing entrance. In addition, the keyboard matrix provides resistor option for different dialing specification selections. The keyboard arrangement for each of the SC9302 series are listed in KEYBOARD INFORMATION.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
11
Silan Semiconductors
2.TONE FREQUENCY Tone Name
R1
SC9302 Series
Output Frequency (Hz) Specified
697 770 852 941 1209 1336 1477
Actual
699 766 847 948 1215 1332 1472
%Error
+0.29% -0.52% -0.59% +0.74% +0.50% -0. 30% -0. 34%
R2
R3
R4
C1 C2 C3
% Error does not contain the crystal frequency drift.
3. DIALING SPECIFICATION SELECTION
C1 R1 C2 C3 C4
By means of adding resistors across keyboard matrix pins, various dialing specifications can be selected. The allowable option resistor connections are shown right.
R2
RK21 RK12 RK13 RK14
RK31
RK41
R3
R4
All the resistors are 330k. The resistor option functions and the default specifications (without option resistors) are listed below.
Option Resistor
RK12 RK13 RK14 RK21 RK31 RK41
Option Function
Make/Break Ratio Selection Flash Function And Flash Time Selection Pause & P T Duration Selection Pulse Number Selection Or IDD Lock Selection
Default (No Resistor)
40:60 Flash = control function Flash time = 600ms TP = 3.6s , TP
T
= 3.6s
N or Keyboard operated lock
4. M/B RATIO SELECTION TABLE RK13
No Yes
M/B Ratio(%)
40:60 33.3:66.6
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
12
Silan Semiconductors
5. FLASH FUNCTION/TIME(DURATION) SELECTION TABLE RK13
No No Yes Yes
SC9302 Series
Flash Function
Control Digit Digit Digit
RK14
No Yes No Yes
Flash (TF)
600ms 600ms 98ms 300ms
Time
6. PAUSE AND P T DURATION SELECTION TABLE RK21
No Yes
TP (sec)
3.6 2
TP
T
(sec)
3.6 1
7. PULSE NUMBER SELECTION TABLE
* This table shows pulse number selections for SC9302X AND SC9302XT. The table for SC9302XLT is used to select IDD lock function.
RK31
No No Yes Yes
RK41
No Yes No Yes
Pulse Number
N N+1 10-N --
* SC9302G has different selection method listed in the table below.
RK31
No Yes
Pulse Number
N 10-N
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
13
Silan Semiconductors
8. PULSE NUMBER TABLE Keypad Digit Key
1 2 3 4 5 6 7 8 9 0 */T #
SC9302 Series
Output Pulse Number New Zealand (10-N)
9 8 7 6 5 4 3 2 1 10 PT Ignored
Normal N
1 2 3 4 5 6 7 8 9 10 PT Ignored
Sweden/Denmark(N+1)
2 3 4 5 6 7 8 9 10 1 PT Ignored
9. HAND-FREE FUNCTION OPERATION
* Hand-free function table
Current State
HKS
Input
HDO X X X L X X L X L L: Logic LOW
HDI
Next State
HKS
HFO L L H X L L H X X
HFI L
HFO L H L L L H L An L
HDO An L An L An L An An H
H H H H L L L L X H: Logic HIGH : Rising edge
H H H H H H H H
An An An
L L
L An An An
L L
H An An: Unchanged
X: Don't care : Falling edge
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
14
Silan Semiconductors
* Hand-free function execution
SC9302 Series
When HFO is low, a rising edge triggers the HFI, asserting the Hand-free function (HFO becomes high). * Reset Hand-free function When HFO is high, the Hand-free function is enabled and can be reset by: * Off-hook * Applying a rising edge to HFI * Changing the HDO pin from low to high
10. HOLD-LINE FUNCTION OPERATION
* Hold-line function execution When HDO is low, a falling edge triggers the HDI , asserting the Hold-line function (HDO becomes high). The
XMUTE remains low when HDO is high.
* Reset Hold-line function When HDO is high, the Hold-line function is enabled and can be reset by: * Off-hook. * Applying a falling edge to HDI . * Changing the HFO pin from low to high. * Hold-line function table
Current State
HKS
Input
HFO X X L X X X L X L L: Logic LOW HFI L L L L L L L L H H H H
HDI
HKS
Next State
HDO L H L L L H L An L HFO An L An L An L An An H
HDO L L H X L L H X X
H H H H L L L L X H: Logic HIGH : Rising edge
H
An An An L An An An H An An: Unchanged
X: Don't care : Falling edge
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
15
Silan Semiconductors
11. DOUT BCD CODE
SC9302 Series
When dialing, the corresponding 4-bit BCD codes are serially presented on DOUT from MSB to LSB. The data of the DOUT is valid at the falling edge of the CLOCK pin. The following table lists the BCD codes corresponding to the keyboard input.
Key-In
1 2 3 4 5 6 7
BCD Code
0001 0010 0011 0100 0101 0110 0111
Key-In
8 9 0 */T # F P
BCD Code
1000 1001 1010 1101 1100 1011 1110
12. LOCK FUNCTION
The function aims to detect locked dialing number to prevent a long distance call. The dialing output of the chip is disabled if the first input key after on-off-hook is the locked number when the lock function is enabled. The lock function selection is listed below. The SC9302X version is the pin-selected type; on the other hand, the SC9302XLT is the key-board operated type. However, the SC9302XT version does not support any lock function.
* SC9302X VERSION
LOCK Pin
OPEN VDD Vss "0, 9" is inhibited "0" is inhibited
Function
Normal dialing (no lock)
* SC9302XLT VERSION
RK31
No No Yes Yes
RK41
No Yes No Yes Lock 0 Lock 0,9
Function
Keyboard operated IDD lock
All keys are locked
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
16
Silan Semiconductors
13. KEY DEFINITION Key Name
0,1,2,3,4,5,6,7,8,9 numerical keys */T # operations.
SC9302 Series
Function
These are dialing number input keys for both the pulse mode and the tone mode
This key executes the P T function and waits a TP
T
duration in the pulse mode. On
the other hand, the */T key executes the * function in the tone mode. This is a dialing signal key for the tone mode only, no response in the pulse mode. Pressing this key can save the preceding dialing telephone numbers. The saved
SA
number is redialed if it is pressed again. SA will also redial the saved number if it is the first key depressed at the off-hook state. During the dialing signal transmission, the SA key is inhibited. The flash key can be selected as a digit or a control key by the option resistors RK13&RK14. Pressing the flash key will force the PO pin to be "low" for the TF duration and is then followed by TFP(sec). TF can also be selected by RK13, RK14.
F
P R ST R/P
Pause key. The execution of the pause key pauses the output for the TP duration. TP can be selected by RK21. Redial key. It executes the redialing as well as one-key redial function. This key can store lock number with personal code in IDD lock operation. Redial and pause function key. If it is pressed as the first key after off-hook, this key executes the redial function. Otherwise, it works as the pause key.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
17
Silan Semiconductors
14. KEYBOARD OPERATION
SC9302 Series
The following operations are all described under an on-off-hook or on-hook with the hand-free active condition. * NORMAL DIALING ---Pulse Mode a) without */T Keyboard input: D1 D2 ... Dn Dialing output: D1 D2 ... Dn RM: D1 D2 ... Dn SAM: Unchanged b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm Dialing output: D1 D2 ... Dn TP Pulse RM: D1 D2 ... Dn */T Dn+1...Dm SAM: Unchanged transmitted but the redial function is inhibited.
T
---Tone Mode a) without */T Keyboard input: D1 D2 ... Dn Dialing output: D1 D2 ... Dn RM: D1 D2 ... Dn SAM: Unchanged b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm Dialing output: D1 D2 ... Dn * Dn+1...Dm RM: D1 D2 ... Dn * Dn+1...Dm SAM: Unchanged
Dn+1...Dm Tone
Note : The maximum capacity of the RM memory is 32 digits. When over 32 digits are entered, the signal is
* REDIAL ---Pulse Mode a) without */T RM content: D1 D2 ... Dn Keyboard input: R (or R/P) Dialing output: D1 D2 ... Dn RM: Unchanged SAM: Unchanged b) with */T RM content: D1 D2 ... Dn */T Dn+1...Dm Keyboard input: R (or R/P) Dialing output: D1 D2 ... Dn TP Pulse RM: Unchanged SAM: Unchanged
T
---Tone Mode a) without */T RM content: D1 D2 ... Dn Keyboard input: R (or R/P) Dialing output: D1 D2 ... Dn RM: Unchanged SAM: Unchanged b) with */T RM content: D1 D2 ... Dn */T Dn+1...Dm Keyboard input: R (or R/P) Dn+1...Dm Tone Dialing output: D1 D2 ... Dn * Dn+1...Dm RM: Unchanged SAM: Unchanged
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
18
Silan Semiconductors
* ONE-KEY REDIAL ---Pulse Mode a) without */T Keyboard input: D1 D2 ... Dn R Dialing output: D1 D2 ... Dn TBRK TRP D1 D2 ... Dn RM: D1 D2 ... Dn SAM: Unchanged b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm R Dialing output: D1 D2 ... Dn TP Pulse TRP D1 D2 ... Dn TP Pulse RM: D1 D2 ... Dn */T Dn+1...Dm SAM: Unchanged
T T
SC9302 Series
---Tone Mode a) without */T Keyboard input: D1 D2 ... Dn R Dialing output: D1 D2 ... Dn TBRK TRP D1 D2 ... Dn RM: D1 D2 ... Dn SAM: Unchanged b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm R Dialing output: D1 D2 ... Dn * Dn+1...Dm TBRK TRP D1 D2 ... Dn * Dn+1...Dm RM: D1 D2 ... Dn * Dn+1...Dm SAM: Unchanged
Dn+1...Dm TBRK Tone Dn+1...Dm Tone
Note: If the dialing number is over 32 digits, the redialing is inhibited and PO = VDD.
* SA COPY ---Pulse Mode a) without */T Keyboard input: D1 D2 ... Dn SA Dialing output: D1 D2 ... Dn RM: D1 D2 ... Dn SAM: D1 D2 ... Dn b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm SA Dialing output: D1 D2 ... Dn TP Pulse RM: D1 D2 ... Dn */T Dn+1...Dm SAM: D1 D2 ... Dn */T Dn+1...Dm Note: The maximum capacity of the RM memory is 32 digits. When over 32 digits plus the "SA" key are entered, the SAVE function will not be executed, and all the existing data in the save memory will not be changed.
T
---Tone Mode a) without */T Keyboard input: D1 D2 ... Dn SA Dialing output: D1 D2 ... Dn RM: D1 D2 ... Dn SAM: D1 D2 ... Dn b) with */T Keyboard input: D1 D2 ... Dn */T Dn+1 ... Dm SA Dialing output: D1 D2 ... Dn * Dn+1...Dm RM: D1 D2 ... Dn * Dn+1...Dm SAM: D1 D2 ... Dn * Dn+1...Dm
Dn+1...Dm Tone
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
19
Silan Semiconductors
* SA DIALING ---Pulse Mode a) without */T SAM content: D1 D2 ... Dn Keyboard input: SA Dialing output: D1 D2 ... Dn RM: Unchanged SAM: Unchanged b) with */T SAM content: D1 D2 ... Dn */T Dn+1...Dm Keyboard input: SA Dialing output: D1 D2 ... Dn TP Pulse RM: Unchanged SAM: Unchanged
T
SC9302 Series
---Tone Mode a) without */T SAM content: D1 D2 ... Dn Keyboard input: SA Dialing output: D1 D2 ... Dn RM: Unchanged SAM: Unchanged b) with */T SAM content: D1 D2 ... Dn * Dn+1...Dm Keyboard input: SA Dn+1...Dm Tone Dialing output: D1 D2 ... Dn * Dn+1...Dm RM: Unchanged SAM: Unchanged
* FLASH ---Flash as a digital key a) The intervenient key Keyboard input: D1 D2 ... Dn F Dn+1 ... Dm Dialing output: D1 D2 ... Dn TF TFP Dn+1...Dm RM: D1 D2 ... Dn SAM: Unchanged b) The first key Keyboard input: F D1 D2 ... Dn Dialing output: TF TFP D1 D2 ... Dn RM: Unchanged SAM: Unchanged * PAUSE Keyboard input: D1 D2 ... Dn P Dn+1 ... Dm Dialing output: D1 D2 ... Dn TP Dn+1...Dm RM: P Dn+1...Dm SAM: Unchanged * NOTE RM: Redial memory SAM: Save dialing memory D1 D2 ... Dn: 0~9 Dn+1...Dm: 0~9, *, # Note: TF: break a flash time ---Flash as a control key Keyboard input: D1 D2 ... Dn F Dn+1 ... Dm Dialing output: D1 D2 ... Dn TF TFP Dn+1...Dm RM: Dn+1...Dm SAM: Unchanged
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
20
Silan Semiconductors
SC9302 Series
* IDD lock operation by the keyboard (2 lock numbers, 3 digits/number at maximum) ---Personal / lock No.1 / Lock No.2 input operation a) Personal code doesn't exist Stores Personal Code: ST D1 D2 D3 ST * 0 Stores Lock No.1: ST D4 D5 D6 ST * 1 Stores Lock No.2: ST D7 D8 D9 ST * 2 b) Personal code exist Changes Personal Code: ST D1 D2 D3 ST # ST D4 D5 D6 ST * 0 (Old personal code) (New personal code)
Changes Lock No.1: ST D1 D2 D3 ST # ST D4 D5 D6 ST * 1 (personal code) (Lock No.1)
Changes Lock No.2: ST D1 D2 D3 ST # ST D7 D8 D9 ST * 2 (personal code) (Lock No.2)
Changes Personal Code, Lock No.1 and Lock No.2 at one time ST D1 D2 D3 ST # ST D4 D5 D6 ST * 0 (continued) (Old personal code) (New personal code)
ST D7 D8 D9 ST # ST D10 D11 D12 ST * 2 (Lock No.1) ---Personal / lock No.1 / Lock No.2 cancel operation Cancels Personal Code: ST D1 D2 D3 ST # ST # 0 Cancels Lock No.1: ST D1 D2 D3 ST # ST # 1 Cancels Lock No.2: ST D1 D2 D3 ST # ST # 2 ---Temporary release both of the lock numbers (Lock No.1, Lock No.2): ST D1 D2 D3 ST # Dm Dm+1 Dm+2 Dl...Dn (Personal code) (Lock No.2)
Note: D1~D12=0~9 Dm Dm+1 Dm+2 = 0~9 Dl...Dn = 0~9, *, # * Note: RM: Redial memory SAM: Save dialing memory D1 D2...Dn: 0~9 Dn+1...Dm: 0~9, *, # Dm+1...Dl: 0~9, *, # Dl+1...Dk: 0~9, *, #
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
21
Silan Semiconductors
OPERATION TIMING
1. NORMAL DIALING * PULSE MODE
SC9302 Series
High impedance HKS KEY IN Others XMUTE TIDP-TM SC9302G XMUTE PO TPDP TIDP-TM TIDP-TM TPDP TIDP TM
D1
TDB
D2
TDB
R
TDB
DTMF 1.2KHz Carrier KT TKT X2 20ms 20ms TKT TKT TIDP-TM
* TONE MODE
High impedance HKS
KEY IN
D1
TDB
D2
R
TDB
XMUTE
PO TITPM TITPM TITPM
DTMF TTMIN KT X2 20ms 20ms TITPM
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
22
Silan Semiconductors
2. DIALING WITH PAUSE KEY * PULSE MODE
SC9302 Series
High impedance
HKS
KEY IN Others XMUTE SC9302G XMUTE
D1
TD
B
D2
P
TP+TPDP
D3
TIDP-TM TPDP TIDP TM
TIDP-TM TM
PO
DTMF 1.2KHz carrier KT TKT X2 20ms TKT
* TONE MODE
High impedance HKS
KEY IN
D1
TDB
D2
P
D3
TP
XMUTE
PO TITPM DTMF TITPM TITPM TTMIN KT
X2 20ms
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
23
Silan Semiconductors
3. FLASH KEY OPERATION
SC9302 Series
High impedance
HKS
KEY IN
F
TD
B
XMUTE
PO TF DTMF 1.2KHz Carrier TK
T
TFP
KT
X2 20ms
4. PULSE TONE OPERATION
High impedance HKS
KEY IN
D1
TD
B
D2
*/T
D3
TID
P
TP->T
XMUTE TPD
P
TIDP+TPDP
PO TITP
M
DTMF 1.2KHz Carrier TK
T
TTMI
N
KT
X2 20ms
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
24
Silan Semiconductors
5. ONE KEY REDIAL OPERATION
SC9302 Series
High impedance
HKS
KEY IN
D1
TD TITP
B M
D2
TD
B
R
TITP
M
TD
B
TITP
M
XMUTE
PO TBRK(2 secs) DTMF
TRP
(1 secs)
TITP
M
KT TK
T
X2 20ms
6. CLOCK & DOUT OPERATION
High impedance HKS
KEY IN TD
B
D1
TPD
P
TB
TM
XMUTE
PO TKT (34ms) 1.2kHz Carrier KT
CLOCK
FCLOCK=2.4kH z
DOUT Data X2 20ms
Note: D1=D3=3, D2=2.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
25
SC9302 Series
Hook off Ring 100k 1A Bridge
A92 2.2k
200k
3.3k
A42 VDD
IN4148 5.1V
IN4148 270k
100F 47k 0.1F 1F
100k
1.5k
150
12
1 4 7 */T 0 8 9 # 5 6 F P R
RK
10 15 16 17 18
RK
11
R1 R2 R3 R4 C4 C3 C2 C1 LOCK VSS MODE X1 PO VDD HKS DTMF
2
3
SA
13 SC9302A (DIP-18)
XMUTE X2
Rev: 2.0
Hook on
100K
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
4 3 2 1 5
VDD
0,9 No lock 10pF 0
Tip 22M
2001-11-01
8 9 14 6
VDD 10pps 20pps
SPEECH NETWORK
1F
7
Silan Semiconductors
TYPICAL APPLICATIONS
3.58MHz resonator
10pF
Tone
39pF
39pF
1. SC9302A (DIP-18)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
26
SC9302 Series
Hook off 100k Hook on Tip 10F 50V 220k 220k 4.7k 100k 3.3k A42 330k 0.1F 33k A92
22M
100k Ring 1A Bridge
1F 16V
IN4148 2.2k
Melody IC
IN4148x4 22k Handfree Hold 22k 10k 0.1F VDD 0.1F 100F 5.1V 0.1F
IN4148 1F 220k 270k
0.02F
100k
150
47k
Rev: 2.0
IN4148
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
11
1 4 7 8 0 9 # 5 6 F P R
RK
2001-11-01
15 18 19 20 21
RK
22
R1 R2 R3 HFI PO HDO
1
HDI
13
VDD
14
HKS DTMF 16
1.5k
2
3
SA
SC9302B (SDIP-22)
HFO XMUTE R4 C4
12 9 5
C3
SPEECH NETWORK C2 C1 LOCK VSS MODE X1 X2
Silan Semiconductors
*/T
4
3
2
6
VDD
0,9
10
17
VDD 10pps No lock 20pps 10pF 0 10pF Tone
7
8
1F
3.58MHz resonator 39pF 39pF
2. SC9302B (SDIP-22)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between and Vss (GND) is recommended. * The melody IC provides a melody during the hold period.
XMUTE
27
SC9302 Series
Tip Hook on 100K
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Ring 1A Bridge 100k 2.2k 3.3k A42 VDD 1.5k 47k 0.1F 100F 1F 100k IN4148 5.1V IN4148 270k 200k Hook off A92
22M
150
14
1 4 7 */T 0 # R
RK
12
R1 PO VDD
13
HKS DTMF
2 5 8 9 P 6 F
3
SA
17 18 19 20
RK
15
R2 R3 R4 C4 C3 C2 C1 LOCK VSS MODE X1 X2
Rev: 2.0
2001-11-01
XMUTE
DOUT CLOCK
10 11 4 3 2 1 5
VDD
0,9 no lock
IN4148
SC9302C
(DIP-20)
8
SPEECH NETWORK
1F
9
16
Silan Semiconductors
VDD 10pps 20pps
6
7
3.58MHz resonator
SC16XX LCD DRIVER (see SC16XX data)
10pF
0
10pF
Tone
39pF
39pF
3. SC9302C(DIP-20)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
28
SC9302 Series
Hook off 100k Tip 10F 50V 220k 220k 4.7k 330k 0.1F Melody IC 47k A42 33k Hook on
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
IN4148 100k Ring 1A Bridge A92
22M
100k
3.3k
1F 16V
IN4148 2.2k IN4148 1F IN4148x4 22k 220k Hold 270k 22k VDD 5.1V 1.5k
Handfree
0.02F
0.1F
0.1F
100F 0.1F 100k IN4148 47k
150
Rev: 2.0
2001-11-01
11
1 4 7 8 0 9 # 5 6 F P R
RK
17 20 21 22 23
RK
24
R1 R2 R3 R4 C4 C3 C2 C1 LOCK HFI PO HDO
1
HDI
15
VDD
16
HKS
SC9302D (SDIP-24)
HFO XMUTE DOUT CLOCK
14 9
VSS MODE X1 X2
47k
2
3
SA
DTMF
18
SPEECH NETWORK
Silan Semiconductors
*/T
12 5 4 3 2 6
VDD 0,9 no lock
1F
10
19
VDD 10pps 20pps
7
8
13
3.58MHz resonator 0
4. SC9302D (SDIP-24)
10pF
10pF
Tone
39pF
39pF
SC16XX LCD DRIVER (see SC16XX data)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between and Vss (GND) is recommended. * The Melody IC provides a melody during the hold period.
XMUTE
29
SC9302 Series
Tip Hook on 100K Ring 1A Bridge Hook off A92
22M
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
100k
3.3k A42 VDD 47k 2.2k IN4148 5.1V IN4148 270k
200k
0.1F
100F
1F
100k
1.5k
150
12
1 4 7 */T 0 # 8 9 P R
RK
10 15 16 17 18
RK R1 R2 R3 R4 C4 C3 C2 C1 KT VSS MODE PO VDD
11
HKS DTMF
2 5 6 F
3
SA
ST
SC9302AT/ALT (DIP-18)
XMUTE X1 X2
8 4 3 2 1 5 9 14 6
VDD 10pps 20pps
SPEECH NETWORK
1F
Silan Semiconductors
7
3.58MHz resonator To Buzzer Tone 10pF 39pF 39pF
5. SC9302AT/ALT (DIP-18)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
30
13
Rev: 2.0
2001-11-01
SC9302 Series
22M Hook off 100k Tip 10F 50V 220k 220k 4.7k 100k Melody 47k A42 IN4148x4 22k Handfree Hold 0.02F 22k 270k 220k 330k 0.1F 1F 16V IN4148 2.2k IN4148 1F 33k Hook on IN4148
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
100k Ring 1A Bridge A92 3.3k
0.1F
VDD
0.1F
5.1V 100F
0.1F 100k 1.5k
150
47k
Rev: 2.0
2001-11-01
11
1 4 7 8 0 5 6 9 # 2 3 SA F P R
RK
15
SA
22 18 19 20 21
R1 R2 R3 R4 C4
RK
1
HFI PO HDO HDI
13
VDD
14
HKS DTMF
47k
16 SC9302BT/BLT (SDIP-22)
HFO XMUTE
12 9 5
C3
SPEECH NETWORK
Silan Semiconductors
*/T
4
C2
3
C1
2
KT
6
VSS MODE
10
17
X1
VDD 10pps 20pps To Buzzer 10pF Tone
7
X2
8
1F
6. SC9302BT/BLT (SDIP-22)
3.58MHz resonator 39pF 39pF
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between and Vss (GND) is recommended. * The Melody IC provides a melody during the hold period.
XMUTE
31
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Tip Hook on 100K Ring 1A Bridge 100k 2.2k 200k IN4148 5.1V A42 VDD 1.5k 47k 0.1F 100F 1F 100k 150 IN4148 270k Hook off A92 22M
3.3k
14
1 4 7 */T 0 # 8 9 P R
RK
12 17 18 19 20
RK
13
R1 R2 R3 R4 C4 C3 C2 C1 KT VSS MODE X1 X2 PO VDD HKS DTMF
5
6
F
SC9302CT/CLT (DIP-20)
XMUTE DOUT
8
IN4148
SPEECH NETWORK
10
CLOCK 11
1F
4
3
2
1
5
9
16
Silan Semiconductors
VDD 10pps 20pps To Buzzer 10pF Tone
6
7
3.58MHz resonator 39pF 39pF
SC16XX LCD DRIVER (see SC16XX data)
7. SC9302CT/CLT (DIP-20)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
32
2
3
SA
ST
15
Rev: 2.0
2001-11-01
SC9302 Series
Hook off 100k Tip 10F 50V 220k 220k 4.7k 100k Melody IC 47k A42 330k 0.1F 33k A92 Hook on
22M
IN4148
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
100k Ring 1A Bridge 1F 16V 2.2k IN4148 1F IN4148x4 22k Handfree Hold 0.02F 0.1F 0.1F VDD 22k 5.1V 100F 270k 220k 3.3k 0.1F 100k 47k 1.5k
150
1 4 7 8 0 9 # 5 6 F P R
2
3
SA
SA
20 21 22 23
RK RK
R1 R2 R3 R4 C4
HFI
PO
HDO
HDI
VDD
HKS DTMF HFO
18 14 SC9302DT/DLT (SDIP-24)
XMUTE
47k
9
C3 C2 C1 KT VSS MODE X1 X2 DOUT 12 CLOCK
SPEECH NETWORK
Silan Semiconductors
*/T
1F
5
4
3
2
6
10
19
VDD 10pps 20pps To Buzzer 10pF Tone
7
8
13
8. SC9302DT/DLT (SDIP-24)
3.58MHz resonator 39pF 39pF
SC16xx LCD DRIVER (see SC16xx data)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between and Vss (GND) is recommended. * The Melody IC provides a melody during the hold period.
XMUTE
33
11
17
24
1
15
16
IN4148
Rev: 2.0
2001-11-01
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Tip Hook on 100K Ring 1A Bridge 100k 2.2k 3.3k A42 VDD 47k 0.1F 100F 1F IN4148 5.1V IN4148 270k Hook off A92 22M 100k 1.5k
200k
150
12
1 4 7 */T 0 # 8 9 R/P
RK
10 15
R1 PO VDD
11
HKS DTMF
2 5 6 F
3
16 17 18
RK
R2 R3 R4 C4 C3 C2 C1
SC9302H (DIP-18)
XMUTE NC VSS MODE X1 X2
8 4 3 2 1 5 9 14 6
VDD 10pps 20pps 10pF Tone 39pF
SPEECH NETWORK
1F
7
Silan Semiconductors
3.58MHz resonator 39pF
9. SC9302H (DIP-18)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
34
13
Rev: 2.0
2001-11-01
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Tip Hook on 100K Ring 1A Bridge 100k 2.2k 3.3k A42 VDD 47k 0.1F 100F 1F IN4148 5.1V IN4148 270k 200k Hook off A92 22M 100k 1.5k
150
10
1 4 7 */T 0 # 8 9 5 6 F P R
RK
8 13 14 15 16
RK R1 R2 R3 R4 C3 C2 C1 VSS MODE X1 PO VDD
9
HKS DTMF
2
3
SC9302G (DIP-16)
XMUTE X2
6 3 2 1 7 12 4
VDD 10pps 20pps 10pF Tone 39pF
SPEECH NETWORK
1F
5
Silan Semiconductors
3.58MHz resonator 39pF
10. SC9302G (DIP-16)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
35
11
Rev: 2.0
2001-11-01
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Tip Hook on 100K Ring 1A Bridge 100k 2.2k 3.3k A42 VDD 47k 0.1F 100F 1F IN4148 5.1V IN4148 270k 200k Hook off A92 22M 100k 1.5k
150
12
1 4 7 */T 0 # 8 9 P R
RK
10 15
R1 PO VDD
11
HKS DTMF
2 5 6 F
3
16 17 18
RK
R2 R3 R4 C4 C3 C2 C1
SC9302F (DIP-18)
XMUTE NC VSS MODE X1 X2
8 4 3 2 1 5 9 14 6
VDD 10pps 20pps 10pF Tone 39pF
SPEECH NETWORK
1F
7
Silan Semiconductors
3.58MHz resonator 39pF
11. SC9302F (DIP-18)
* RK for dialing signal option. (Refer to the functional description) * Unmarked transistors are of 8050 type. * A 1F capacitor between
XMUTE
and Vss (GND) is recommended.
36
13
Rev: 2.0
2001-11-01
Silan Semiconductors
CHIP TOPOGRAPHY
20 21 22 19 18
SC9302 Series
17 16 15 14 13 12 11
23 24 1 2
10 9
3
4
5
6
Chip size: 1.90 x 1.73 mm2
7
8
PAD COORDINATES (Unit: m)
Pad No. Symbol X Y Pad No. Symbol X Y
1 2 3 4 5 6 7 8 9 10 11 12
P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12
-934.05 -956.65 956.65 -668.20 -391.80 -137.60 589.50 846.10 899.15 954.35 927.70 927.70
-225.30 -503.00 -800.20 -879.95 -879.95 -861.45 -845.65 -847.35 -469.80 -283.90 -117.95 71.75
13 14 15 16 17 18 19 20 21 22 23 24
P13 P14 P15 P16 P17 P18 P19 P20 P21 P22 P23 P24
927.70 927.70 890.75 937.55 761.90 363.20 35.90 -679.90 -956.65 -956.65 -956.65 -940.35
234.85 463.25 619.10 839.50 875.45 875.45 873.65 873.35 779.70 521.30 244.90 -5.70
Note: The original point of the coordinate is the die center.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
37
Silan Semiconductors
PACKAGE OUTLINE
SC9302 Series
UNIT:mm
2.54
DIP-16-300-2.54
6.40
1.50 19.4
7.62
15 degree
3.51
0.46
DIP-18-300-2.54
2.54
3.30
5.08
0.25
UNIT:mm
6.40
1.50 22.95
7.62
15 degree
3.51
0.46
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
38
3.30
5.08
0.25
Silan Semiconductors
DIP-20-300-2.54
2.54
SC9302 Series
UNIT:mm
6.40
1.50 22.95
7.62
15 degree
3.51
0.46
SDIP-24-300-2.54
2.54
3.30
5.08
UNIT:mm
0.25
6.40
1.50 15 degree 34.50
3.51
0.46
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-01
39
3.30
5.08
7.62
0.25


▲Up To Search▲   

 
Price & Availability of SC9302H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X